Part Number Hot Search : 
TP518 A471J U1FWJ44M DTA123Y SA12A M304206 3SH21 DSOD323
Product Description
Full Text Search
 

To Download RSF015N06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  4v drive nch mosfet RSF015N06 ? structure ? dimensions (unit : mm) silicon n-channel mosfet ? features 1) built-in g-s protection diode. 2) small surface mount package (tumt3). 3) low voltage drive. (4v) ? application switching ? packaging specifications ? inner circuit package taping code tl basic ordering unit (pieces) 3000 RSF015N06 ? absolute maximum ratings (ta = 25 ? c) symbol limits unit drain-source voltage v dss 60 v gate-source voltage v gss ? 20 v continuous i d ? 1.5 a pulsed i dp ? 6.0 a continuous i s 0.6 a pulsed i sp 6.0 a power dissipation p d 0.8 w channel temperature tch 150 ? c range of storage temperature tstg ? 55 to +150 ? c *1 pw ? 10 ? s, duty cycle ? 1% *2 mounted on a ceramic board. ? thermal resistance symbol limits unit channel to ambient rth (ch-a) 156 ? c / w *mounted on a ceramic board. parameter type source current (body diode) drain current parameter tumt3 0.2max. * abbreviated symbol : px *2 *1 *1 *1 *1 *1 (1) gate (2) source (3) drain ?2 ?1 (3) (1) (2) ?1 esd protection diode ?2 body diode 1/6 2011.10 - rev.a data sheet www.rohm.com ? 2011 rohm co., ltd. all rights reserved.
RSF015N06 ? electrical characteristics (ta = 25 ? c) symbol min. typ. max. unit gate-source leakage i gss -- ? 10 ? av gs = ? 20v, v ds =0v drain-source breakdown voltage v (br)dss 60 - - v i d =1ma, v gs =0v zero gate voltage drain current i dss --1 ? av ds =60v, v gs =0v gate threshold voltage v gs (th) 1.0 - 2.5 v v ds =10v, i d =1ma - 210 290 i d =1.5a, v gs =10v - 240 330 i d =1.5a, v gs =4.5v - 255 350 i d =1.5a, v gs =4.0v forward transfer admittance l y fs l 1.0 - - s i d =1.5a, v ds =10v input capacitance c iss - 110 - pf v ds =10v output capacitance c oss - 28 - pf v gs =0v reverse transfer capacitance c rss - 12 - pf f=1mhz turn-on delay time t d(on) -6-nsi d =0.7a, v dd 30v rise time t r -9-nsv gs =10v turn-off delay time t d(off) - 15 - ns r l =42.8 ? fall time t f - 10 - ns r g =10 ? total gate charge q g - 2.0 - nc i d =1.5a gate-source charge q gs - 0.8 - nc v dd 30v gate-drain charge q gd - 0.5 - nc v gs =5v *pulsed ? body diode characteristics (source-drain) (ta = 25 ?c) symbol min. typ. max. unit forward voltage v sd - - 1.2 v i s =1.5a, v gs =0v *pulsed conditions conditions m ? parameter parameter static drain-source on-state resistance r ds (on) * * * * * * * * * * 2/6 2011.10 - rev.a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
RSF015N06 ? electrical characteristic curves (ta=25 ? c) 0 0.5 1 1.5 2 2.5 3 0 0.2 0.4 0.6 0.8 1 v gs = 2.4v ta=25 c pulsed v gs = 10v v gs = 4.5v v gs = 4.0v v gs = 2.8v fig.1 typical output characteristics( ) drain current : i d [a] drain - source voltage : v ds [v] 0 0.5 1 1.5 2 2.5 3 0 2 4 6 8 10 v gs = 2.4v ta=25 c pulsed v gs = 10v v gs = 4.5v v gs = 4.0v v gs = 2.8v fig.2 typical output characteristics( ) drain - source voltage : v ds [v] drain current : i d [a] 0.001 0.01 0.1 1 10 0 1 2 3 v ds = 10v pulsed ta= 125 c ta= 75 c ta= 25 c ta= - 25 c fig.3 typical transfer characteristics drain current : i d [a] gate - source voltage : v gs [v] 10 100 1000 10000 0.01 0.1 1 10 v gs = 4.0v v gs = 4.5v v gs = 10v . ta= 25 c pulsed fig.4 static drain - source on - state resistance vs. drain current( ) drain - current : i d [a] static drain - source on - state resistance : r ds (on)[m ? ] 10 100 1000 10000 0.01 0.1 1 10 v gs = 10v pulsed ta= 125 c ta= 75 c ta= 25 c ta= - 25 c fig.5 static drain - source on - state resistance vs. drain current( ) drain - current : i d [a] static drain - source on - state resistance : r ds (on)[m ? ] 10 100 1000 10000 0.01 0.1 1 10 v gs = 4.5v pulsed ta= 125 c ta= 75 c ta= 25 c ta= - 25 c fig.6 static drain - source on - state resistance vs. drain current( ) drain - current : i d [a] static drain - source on - state resistance : r ds (on)[m ? ] 3/6 2011.10 - rev.a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
RSF015N06 10 100 1000 10000 0.01 0.1 1 10 v gs = 4.0v pulsed ta= 125 c ta= 75 c ta= 25 c ta= - 25 c fig.7 static drain - source on - state resistance vs. drain current( ) drain - current : i d [a] static drain - source on - state resistance : r ds (on)[m ? ] 0.1 1 10 0.01 0.1 1 10 v ds = 10v pulsed ta= - 25 c ta=25 c ta=75 c ta=125 c fig.8 forward transfer admittance vs. drain current forward transfer admittance : |yfs| [s] drain - current : i d [a] 0.01 0.1 1 10 0 0.5 1 1.5 v gs =0v pulsed ta= 125 c ta= 75 c ta= 25 c ta= - 25 c fig.9 source current vs. sourse - drain voltage source current : is [a] source - drain voltage : v sd [v] 0 100 200 300 400 500 600 0 5 10 15 20 ta=25 c pulsed i d = 0.7a i d = 1.5a fig.10 static drain - source on - state resistance vs. gate source voltage static drain - source on - state resistance : r ds (on)[m ? ] gate - source voltage : v gs [v] 1 10 100 1000 0.01 0.1 1 10 t f t d (on) t d (off) ta=25 c v dd = 30v v gs =10v r g =10 pulsed t r fig.11 switching characteristics switching time : t [ns] drain - current : i d [a] 0 2 4 6 8 10 0 1 2 3 4 ta=25 c v dd = 30v i d = 1.5a r g =10 pulsed fig.12 dynamic input characteristics gate - source voltage : v gs [v] total gate charge : qg [nc] 4/6 2011.10 - rev.a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
RSF015N06 1 10 100 1000 0.01 0.1 1 10 100 ciss crss ta=25 c f=1mhz v gs =0v coss fig.13 typical capacitance vs. drain - source voltage drain - source voltage : v ds [v] capacitance : c [pf] 5/6 2011.10 - rev.a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
RSF015N06 ? measurement circuits f ig.1-1 switching time measurement circu it v gs r g v ds d.u.t. i d r l v dd fig.1-2 switching waveforms 90% 90% 90 % 10% 10% 50% 10% 50% v gs pulse width v ds t on t off t r t d(on) t f t d(off) f ig.2-1 gate charge measurement circuit v gs i g(const.) v d s d.u.t. i d r l v dd fig.2-2 gate charge waveform v g v gs charge q g q gs q gd 6/6 2011.10 - rev.a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
r 1 120 a ww w .rohm.com ? 20 1 1 rohm co., ltd. all rights reserved. notice rohm customer support system http://ww w . r ohm.com/contact/ thank you for your accessing to rohm p r oduct informations. mo r e detail p r oduct informations and catalogs a r e available, please contact us. notes


▲Up To Search▲   

 
Price & Availability of RSF015N06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X